PART |
Description |
Maker |
S116S02 S116S02F S216S02 S216S02F |
IT(rms)梅16A, Zero Cross type SIP 4pin Triac output SSR IT(rms)÷16A, Zero Cross type SIP 4pin Triac output SSR
|
Sharp Electrionic Components
|
S202SE1 S202SE2 S216SE2 S216SE1 |
SIP Type SSR for Medium Power Control
|
SHARP[Sharp Electrionic Components]
|
S202S02 S202S01 S102S01 S102S02 |
SIP Type SSR for Medium Power Control
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
PFE380D25 PFE480D25 PF480D25 |
SIP SSR SCR output for heavy industrial loads
|
Crydom Inc.,
|
MCX241 |
RELAY SSR SPST-NO 280VAC1.5A SIP TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
IRF5YZ48CM IRF5YZ48CM-15 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*) 55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
IRF[International Rectifier]
|
D4SB10 D4SB20 D4SB40 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified.
|
乐山无线电股份有限公
|
IRF7Y1405CM IRF7Y1405CM-15 |
HEXFET? POWER MOSFET THRU-HOLE (TO-257AA) 55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package Avalanche Energy Ratings
|
International Rectifier
|
2020-900 2020-1400 2021-200 2021-250 2020-700 2021 |
Delay 900 /-18 ns, fixed SIP delay line Tr Delay 1400 /-28 ns, fixed SIP delay line Tr Delay 200 /-10 ns, fixed SIP delay line Tr Delay 250 /-10 ns, fixed SIP delay line Tr Delay 700 /-14 ns, fixed SIP delay line Tr Delay 100 /-10 ns, fixed SIP delay line Tr Delay 150 /-10 ns, fixed SIP delay line Tr Delay 500 /-10 ns, fixed SIP delay line Tr Delay 1300 /-26 ns, fixed SIP delay line Tr
|
Data Delay Devices Inc
|
0E2300K0 0E2350H0 0E3350H0 E21-E36 E23-50H 0E2100K |
MINIATURE Switch E21-E36 Series Not recommended for new designs Please review our D4 series 8 Contact Ratings DC ratings optional
|
Cherry Semiconductor Corporation Cherry Semiconductor Corpor... Cherry Semiconductor Co...
|
1505 1505-50B 1505-50G 1505-5B 1505-50A 1505-50C 1 |
Delay 300 /-15 ns, 5-TAP SIP delay line Td/Tr=3 Delay 100 /-5 ns, 5-TAP SIP delay line Td/Tr=3 Delay 60 /-3 ns, 5-TAP SIP delay line Td/Tr=3 Delay 30 /-2 ns, 5-TAP SIP delay line Td/Tr=3 Fixed 5-tap passive SIP delay line PASSIVE DELAY LINE, TRUE OUTPUT, PSIP7 Delay 70 /-3.5 ns, 5-TAP SIP delay line Td/Tr=3 Delay 75 /-3.5 ns, 5-TAP SIP delay line Td/Tr=3 Delay 90 /-5 ns, 5-TAP SIP delay line Td/Tr=3 Delay 40 /-2.5 ns, 5-TAP SIP delay line Td/Tr=3 Delay 50 /-3 ns, 5-TAP SIP delay line Td/Tr=3 Delay 20 /-1.5 ns, 5-TAP SIP delay line Td/Tr=3 Delay 200 /-10 ns, 5-TAP SIP delay line Td/Tr=3 Delay 5 /-1 ns, 5-TAP SIP delay line Td/Tr=3
|
DATA DELAY DEVICES INC
|
R12P23.3D R09P23.3D R05P212D R09P205D R09P205S R09 |
2 Watt SIP 7 Single & Dual Output 2 Watt SIP 7 Single & Dual Output 2瓦特的SIP 7
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|